Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download SM04522-36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM04522-36/36H
450-2200 MHz 4 Watt Linear Power Amplifier FOR LAB & WIDEBAND APPLICATIONS
Models SM04522-36/36H are 450 to 2200 MHz solid state GaAs FET amplifiers designed for multi-purpose use. With 1.75 GHz of bandwidth, this small amplifier can be used in various applications. This module provides a minimum of +34 dBm of output power at P1dB with an OIP3 of +48 dBm. Two versions are available, the -36, with 20 dB of linear gain, and the -36H, with 35 dB of linear gain. The gain flatness over the entire 1.75 GHz bandwidth is 0.75 dB. The unit uses the latest surface mount technologies to provide numerous features, while maintaining a minimal size. Features * * * * Mis-Match Protected Single Power Supply Over/Reverse Voltage Protection Thermal Protection with Auto Reset
Item Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions (Without Heatsink) RF Connectors Operating Temperature (Baseplate) Operating Humidity Operating Altitude
SM04522-36 450 - 2200 MHz + 34 dBm (min) + 36 dBm (typ) + 48 dBm 20 dB 1.0 dB .75 dB -7 dB / -14 dB + 12 Volts 1.9 Amperes 5.0 x 2.5 x .563 in.
SM04522-36H 450-2200 MHz + 34 dBm (min) + 36 dBm (typ) + 48 dBm 35 dB 1.0 dB .75 dB -14 dB / -14 dB +12 Volts 1.9 Amperes 5.0 x 2.5 x .563 in
Options * * * Logic On/Off Control Heatsink Cooling Fan
Configurations * * * Module Bench-Top-Lab Unit 19" Rack
SMA Female 0C to +55C
SMA Female 0C to +55C
95% Non-condensing
95% Non-condensing
Up to 10,000 feet above Sea Level
Up to 10,000 feet above Sea Level
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM04522-36/36H
450-2200 MHz 4 Watt Linear Power Amplifier FOR LAB & WIDEBAND APPLICATIONS
DIMENSIONS IN INCHES
+12VDC RF OUTPUT ON/OFF
INCORPORATED
GND
RF INPUT Made in USA
DIMENSIONS WITH HEATSINK
+ 12VDC RF OUTPUT ON/OFF
INCORPORATED
GND
RF INPUT Made in USA
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM04522-36/36H
450-2200 MHz 4 Watt Linear Power Amplifier FOR LAB & WIDEBAND APPLICATIONS
Pin RF Input RF Output GND +12VDC On/Off
Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off
Values +18 dBm typ. for -36, +3 dBm typ. for -36H + 36 dBm @ P1dB --+ 12 Volts @ 1.9 Amperes 0 Volts = Off, +5 Volts = On
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM04522-36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X